PART |
Description |
Maker |
A16-LCG-T-R |
Low Cost IC WSockey, Gold Version 2.54mm, straight Leg
|
Assmann Electronics Inc.
|
ADTL08207 ADTL082JR ADTL082JR-REEL ADTL082JR-REEL7 |
Low Cost JFET Input Dual Operational Amplifier Low Cost JFET Input Operational Amplifier; Package: MSOP; No of Pins: 8; Temperature Range: Industrial Low Cost JFET Input Operational Amplifiers Low Cost JFET Input Operational Amplifier; Package: SOIC; No of Pins: 14; Temperature Range: Commercial QUAD OP-AMP, 10000 uV OFFSET-MAX, 5 MHz BAND WIDTH, PDSO14 Low Cost JFET Input Operational Amplifier; Package: SOIC; No of Pins: 8; Temperature Range: Commercial
|
Analog Devices, Inc. ANALOG DEVICES INC
|
MAX6001 MAX6001EUR-T MAX6002 MAX6002EUR-T MAX6003 |
Low-Cost Low-Power Low-Dropout SOT23-3 Voltage References " Low-Cost, Low-Power, Low-Dropout, SOT23-3 Voltage References" Low-Cost / Low-Power / Low-Dropout / SOT23-3 Voltage References Circular Connector; MIL SPEC:MIL-C-5015 E/F/R; Body Material:Metal; Series:MS3106E; Number of Contacts:3; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] MAXIM INTEGRATED PRODUCTS INC
|
ZPSD311 ZPSD311-B-15J ZPSD311-B-15L ZPSD311-B-15M |
From old datasheet system PSD3XX, ZPSD3XX, ZPSD3XXV, PSD3XXR, ZPSD3XXR, ZPSD3XXRV Low Cost Field Programmable Microcontroller PSD3XX/ZPSD3XX FAMILY LOW COST MICROCONTROLLER PERIPHERALS LowCostFieldProgrammableMicrocontrollerPeripherals Low Cost Field Programmable Microcontroller Peripherals
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
STMICROELECTRONICS
|
AD623B AD623BN AD623BR AD623BR-REEL AD623BR-REEL7 |
Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier INSTRUMENTATION AMPLIFIER, 350 uV OFFSET-MAX, 0.8 MHz BAND WIDTH, PDIP8 RECTIFIER SCHOTTKY DUAL 60A 30V 500A-ifsm 0.55V-vf 20mA-ir TO-3P 30/TUBE Single Supply/ Rail-to-Rail/ Low Cost Instrumentation Amplifier Single Supply, Rail-Rail, Low Cost Instrumentation Amplifiers 80-Lead Mixed Signal DSP with 5, 16-bit Sigma-Delta ADCs
|
Analog Devices, Inc. AD[Analog Devices]
|
MAX698-MAX699 MAX699 MAX699CPA MAX699CWE MAX699EPA |
4-Wide AND-OR-invert Gates 14-CDIP -55 to 125 Low Cost Power-On Reset and Watchdog Controllers Low-Cost Power On Reset IC
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
AD202 AD204 AD202JY |
Low Cost, Miniature Isolation Amplifiers Low Cost, Miniature Isolation Amplifier powered by external clock Low Cost, Miniature Isolation Amplifiers Powered Directly From a 15 V DC Supply
|
Analog Devices
|
CY23S0904 CY23S09ZXC-1H CY23S05SXC-1H CY23S09SXC-1 |
Low-Cost 3.3V Spread Aware Zero Delay Buffer(低价.3V Spread Aware零延迟缓冲器) Low-Cost 3.3V Spread Aware垄芒 Zero Delay Buffer Low-Cost 3.3V Spread Aware⑩ Zero Delay Buffer Low-Cost 3.3V Spread Aware?Zero Delay Buffer
|
Cypress Semiconductor Corp.
|
MAX4401 MAX4402 MAX4400 MAX4403 |
Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown "?Dual low-cost, low-voltage, Rail to Rail op-amp" "Single low-cost, low-voltage, Rail to Rail op-amp with Shutdown"
|
MAXIM - Dallas Semiconductor
|